PART |
Description |
Maker |
PI74FCT162646T PI74FCT16646T PI74FCT162H646T PI74F |
Fast CMOS 16-Bit Registered Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74FCT162511CT IDT74FCT162511AT IDT54FCT162511CT |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
|
IDT
|
IDT74FCT16501AT06 IDT74FCT16501CTPAG IDT74FCT16501 |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
Integrated Device Technology Integrated Device Techn...
|
PI74FCT646T PI74FCT652T PI74FCT2646T PI74FCT2652T |
Fast CMOS Octal Registered Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74ALVCHR162269A |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
|
IDT
|
IDT74LVCHR16501A |
3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
74F648SCQR |
F/FAST SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PDSO24
|
FAIRCHILD SEMICONDUCTOR CORP
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ASM4SSTVF32852 ASM4SSTVF32852-114BT ASM4ISSTVF3285 |
DDR 24-Bit to 48-Bit Registered Buffer SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 Specialty Clock Management 2.3 V -2.7 V, DDR 24-bit to 48-bit registered buffer
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
IDT74ALVCH16270 74ALVCH16270_DS_14073 IDT74ALVCH16 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT Integrated Device Technology
|
74ABT16952 74ABT16952DGG 74ABT16952DL BH16B952DGG |
Triple 3-input positive-NOR gates 14-SOIC 0 to 70 ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 RES, 5.1, 1/4W, TKF, 5%, 1210 16-bit registered transceiver 3-State
|
NXP Semiconductors N.V. Philips Semiconductors
|